Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCT2EG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCT2EG-S08-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT2EG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RCT2EG-S08-R Datasheet HTML 1Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 2Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 3Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 4Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 5Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCT2E
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd.
QW-R502-027.D
ENCODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The UTC RCT2E can be used with the decoder UTC RCR2C to
provide a complete control functions to the remote-controlled toy.
The UTC RCT2E is the transmitter. It is provide five function keys
to control forward, Backward, Rightward, Leftward and Turbo
motions. Beside, a combination of these five motions can be
played.
UTC RCT2E is built with auto Power-OFF function. When input
key is pulled low, UTC RCT2E will wake up, SC and SO will
continuously send out code in RF format (Non-Carrier) and IR
format (Carrier). However, when a complete code is sent out and
the key is released, UTC RCT2E will automatically go into
powered-off mode.
FEATURES
* Wide and Low operating voltage range: 1.8V ~ 5.0V
* 5-function remote controller controlling forward/ backward/ turbo/
right/ left.
* Provide two transmissive interface (RF and IR) for different
application.
* Auto Power-OFF function
* Few external components needed and Oscillator with an external
resistor.
* Low Standby current and low operating current.
* Long distance Remote Control to 100M in UTC RCT2E and UTC
RCR2C pairing.
* Typical oscillator frequency:
RF: 116 ~ 140KHz.
IR: 114KHz (Carrier Frequency: 57KHz).
IR: 76KHz (Carrier Frequency: 38KHz).
SOP-8
DIP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
RCT2EL-D14-T
RCT2EG-D14-T
DIP-14
Tube
-
RCT2EG-S08-R
SOP-8
Tape Reel
(1) T: Tube, R: Tape Reel
(2) D14: DIP-14, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
RCT2EL-D14-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - RCT2EG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCT2EG-S08-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
UT912E UTC-UT912E Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT02 UTC-RCT02_15 Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
ENCODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com