Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA2311G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UA2311G-S08-R
Description  16 BITS DIGITAL to ANALOG CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UA2311G-S08-R Datasheet HTML 1Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 2Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 3Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 4Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UA2311
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-043.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VDD
-3.0 ~ +7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0 ~ +70
C
Storage Temperature
TSTG
-40 ~ +150
C
Notes: 1. The typical power supply voltage propose at 5V, and range from 4.75V~6V is recommended.
2. Operating temperature range between 0~+50
C is strongly recommended, TA=25 is typical.
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS (TA=0 ~ 70C, VDD=5.0 ± 0.25V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High
VIH
Note
0.66VDD
Input Voltage Level
Low
VIL
Note
0.30VDD
V
Input Leakage Current
IIN(LEAK)
Note
0.1
μA
Input Capacitance
CIN
Note
5
pF
Power Consumption
W
VDD=5.0V
30
mW
Clock Frequency
fc
5.6448
18.4
MHz
Note: Applicable to BCK, WS & DATA.
ANALOG CHARACTERISTICS (TA=25C, VDD=5.0V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Output Amplitude
VOUT
2.5
Vpp
Total Harmonic Distortion (Note 1)
THD
1KHz, 0dB
0.13
%
Dynamic Range
DR
16
bit
Signal-to-Noise Ratio (Note 2)
S/N
1KHz, 0dB
82
dB
Cross Talk (Note 2)
CT
1KHz, 0dB
-85
dB
Notes: 1. Measured with 176.4KHz sampling rate, 2K~ 20K Harmonics.
2. Measured with an A/D & D/A Evaluation Board at sampling rate of 48KHz.
TIMING CHARACTERISTICS (refer to Figure 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
High Level Time
tH
25
ns
Rise Time
tR
20
ns
Fall Time
tF
20
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com