Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA2311G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UA2311G-S08-R
Description  16 BITS DIGITAL to ANALOG CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UA2311G-S08-R Datasheet HTML 1Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 2Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 3Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 4Page - Unisonic Technologies UA2311G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UA2311
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-043.B
APPLICATION CIRCUIT
A typical example of CD-ROM application is showed as below. It features typical decoupling components and a
second-order analog post-filter stage providing a line output.
VOR
NC
VOL
VDD
GND
DATA
WS
BCK
UTC UA2311
1000pF
7.5K
7.5K
470pF
+
-
+
-
470pF
7.5K
7.5K
100nF
47μF
10
VDD
1000pF
Right Channel
Audio Output
Left Channel
Audio Output
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com