Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092L-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UAC3092L-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092L-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UAC3092L-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 5Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 6Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 7Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 8Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UAC3092
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R101-017,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
Load Dump Transient Voltage (Note 1)
Negative Voltage (Note 2)
Vbat
+Vmax
–Vmin
24
40
-2.5
V
SOP-20
867
mW
Power Dissipation
(Ta = 125℃)
SOP-24
PD
1000
mW
Operating Junction Temperature
TJ
+150
C
 
Operating Ambient Temperature
TOPR
-40 ~ +125
C
 
Storage Temperature
TSTG
-45 ~ +150
C
 
Note: 1. 125 ms wide square wave pulse.
2. Maximum time = 2 minutes.
3. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Regulation Voltage
(Determined by external resistor
divider)
VReg
14.85
V
Regulation Voltage Temperature
Coefficient
Tc
-13
-11
-9.0
mV/℃
Suggested Battery Voltage
Operating Range
Vbat
11.5
14.85
16.5
V
Power Up/Down Threshold
Voltage
(Pin 3)
Vpwr
0.5
1.2
2.0
V
IQ1
Vbat = 12.8 V, Ignition off, Ta = 25℃
1.3
2.0
mA
Standby Current
IQ2
Vbat = 12.8 V, Ignition off,
-40℃
T
≦ a≦125℃
3.0
mA
Zero Temperature Coefficient
Reference Voltage, (Pin 8)
VREF0
1.1
1.25
1.4
V
Band Gap Reference Voltage
[Pin 20 (24**)]
VREF
1.7
2.0
2.3
V
Band Gap Reference
Temperature Coefficient
TC
-13
-11
-9.0
mV/℃
Sense Loss Threshold (Pin 2)
SLoss(TH)
0.6
1.0
V
Phase Detection Threshold
Voltage (Pin 10)
PTH
1.0
1.25
1.5
V
Phase Rotation Detection
Frequency (Pin 10)
PPOT
36
Hz
Undervoltage Threshold [Pin 19
(23**)]
VUV
1.0
1.25
1.5
V
Overvoltage Threshold
(Pin 2, or Pin 12 if Pin 2 is not
used)
VOV
1.09(VREF)
1.12(VREF)
1.16(VREF)
V
Load Dump Threshold
(Pin 2, or Pin 12 if Pin 2 is not
used)
VLD
1.33(VREF)
1.4(VREF)
1.48(VREF)
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com