Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092L-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UAC3092L-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092L-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UAC3092L-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 5Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 6Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 7Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 8Page - Unisonic Technologies UAC3092L-S20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UAC3092
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R121-003,B
ALTERNATOR VOLTAGE
REGULATOR
DESCRIPTION
The UAC3092 is specifically designed for voltage regulation and
Load Response Control (LRC) of diode rectified alternator charging
systems, as commonly found in automotive applications.
In maintaining system voltage, the UAC3092 monitors and
compares the system battery voltage to an externally programmed
set point value and pulse width modulates an N–channel MOSFET
transistor to control the average alternator field current.
FEATURE
*Forced Load Response Control (LRC) with Heavy Load Transitions
at Low RPM
*Capable of Regulating Voltage to ±0.1 V @ 25℃
*Operating Frequency Selectable with One External Resistor
*< 0.1 V Variation over Speed Range of 2000 to 10,000 RPM
*< 0.4 V Variation over 10% to 95% of Maximum Alternator Output
*Maintains Regulation with External Loads as Low as 1.0 A
*Load Dump Protection of Lamp, Field Control Devices, and Loads
*Duty Cycle Limit Protection
*Provides High Side MOSFET Control of a Ground Referenced Field
Winding
*Controlled MOSFET and Flyback Diode Recovery Characteristics
for Minimum RFI
*Optional 2.5 or 10 sec. LRC Rate Control (Osc. Freq. = 280 kHz)
*Undervoltage, Overvoltage and Phase Fault (Broken Belt) Detection
SOP-24
SOP-20
*Pb-free plating product number: UAC3092L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UAC3092-S20-R
UAC3092L-S20-R
SOP-20
Tape Reel
UAC3092-S20-T
UAC3092L-S20-T
SOP-20
Tube
UAC3092-S24-R
UAC3092L-S24-R
SOP-24
Tape Reel
UAC3092-S24-T
UAC3092L-S24-T
SOP-24
Tube
UAC3092L-S20-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S20: SOP-20, S24: SOP-24
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UAC3092L-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UAC3092L-S20-R UTC-UAC3092L-S20-R Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
More results

Similar Description - UAC3092L-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9407F STMICROELECTRONICS-L9407F Datasheet
124Kb / 11P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com