Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC571NL-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTC571NL-S16-R
Description  COMPANDOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571NL-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTC571NL-S16-R Datasheet HTML 1Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 2Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 3Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 4Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC571N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-021.D
TYPICAL APPLICATION CIRCUIT
Δ
G
VCC=15V
0.1μF
10μF
20k
2.2μF
3.14
V1
2.2μF
2.15
V2
10k
4
1.16
5.12
2.2μF
8.2k
8.9
200pF
30k
VREF
7.10
20k
6.11
V0
+
-
13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com