Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC571NL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC571NL-S16-R
Description  COMPANDOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571NL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC571NL-S16-R Datasheet HTML 1Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 2Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 3Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 4Page - Unisonic Technologies UTC571NL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTC571N
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R121-021.D
COMPANDOR
DESCRIPTION
The UTC571N is a versatile low cost dual gain control circuit
in which either channel may be used as a dynamic range
compressor or expandor. Each channel has a full-wave rectifier to
detect the average value of the signal, a linerarized
temperature-compensated variable gain cell and an operational
amplifier.
The UTC571N is well suited for use in cellular radio and radio
communication systems, modems, telephone, and satellite
broadcast/receive audio systems.
FEATURES
* Complete compressor and expandor in one Chip
* Temperature compensated
* Greater than 110dB dynamic range
* Operates down to 6VDC
* System levels adjustable with external components
* Distortion may be trimmed out
* Dynamic noise reduction systems
* Voltage-controlled amplifier
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UTC571NL-S16-T
UTC571NG-S16-T
SOP-16
Tube
UTC571NL-S16-R
UTC571NG-S16-R
SOP-16
Tape Reel
UTC571NL-S16W-T
UTC571NG-S16W-T
SOP-16W
Tube
UTC571NL-S16W-R
UTC571NG-S16W-R
SOP-16W
Tape Reel
MARKING INFORMATION
PACKAGE
MARKING
SOP-16/SOP-16(W)


Similar Part No. - UTC571NL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC571NL-S16-R UTC-UTC571NL-S16-R Datasheet
187Kb / 4P
COMPANDER
More results

Similar Description - UTC571NL-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
Compandor
1997 Aug 14
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
COMPANDOR
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
Compandor
March, 2006 ??Rev. 4
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
Compandor
April, 2009 ??Rev. 0
logo
NXP Semiconductors
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
Compandor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com