Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2804G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # A2804G-S08-R
Description  ZERO VOLTAGE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A2804G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  A2804G-S08-R Datasheet HTML 1Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 2Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 3Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A2804
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R121-004.E
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
-Vs
8.2
V
Input Voltage
VIN
≤ IVSI
V
Supply Current
-Is
40(AVERAGE)
mA
Synchronous Current
ISYN
5.0(RMS)
mA
Power Dissipation
PD
350
mW
Junction Temperature
TJ
125
C
Operating Ambient Temperature
TOPR
-20 ~ +70
C
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VS=8.0V, VSYN=100 ~ 115VRMS, TA=25℃, f=50/60Hz)
PARAMETER
SYMBOL PIN NO.
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
6
IOUT≤150mA
4.2
5.2
7.0
V
Input Offset Voltage
VI(OFF)
3, 4
2.0
±5.0
mV
Supply Voltage 1
-VS1
5
IS=2.5mA, RSYN=56K
7.2
8.4
V
Supply Voltage 2
-VS2
5
IS=20mA, RSYN=56K
8
8.9
V
Common Mode Input Voltage
-VI(CM)
3, 4
0
5.7
V
Reference Voltage
-VR
1
IR≤1μA
3.6
V
Circuit Current
-IS
5
RSYN=56K
1.0
2.0
3.0
mA
Synchronous Current
ISYN
8
0.3
mA
Output Current
IOUT
6
ROUT≤25
150
180
mA
Output Leakage Current
ILO
6
±2.0
μA
Input Bias Current
II(BIAS)
3, 4
0.5
±1.0
μA
Output Leakage Current
ILC
2
±0.2
μA
Output Pulse Width
TPULSE
6
RSYN=56K
150
200
250
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com