Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2804G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # A2804G-S08-R
Description  ZERO VOLTAGE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A2804G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  A2804G-S08-R Datasheet HTML 1Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 2Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 3Page - Unisonic Technologies A2804G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
A2804
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R121-004.E
ZERO VOLTAGE SWITCH
DESCRIPTION
The UTC A2804 is a TRIAC controller providing a complete
solution for temperature controlled electric panel heaters, cookers,
film processing baths etc.
Switching occurs at the zero voltage point in order to minimize
radio frequency interference. The device is suitable for mains-on-line
operation and requires minimal components.
FEATURES
*Easy operation either through the AC line or a DC supply.
*Supply voltage control.
*Very few external components.
*Symmetrical burst control-No DC current components in the load
circuit
*Negative output current pulse up to 250mA-short circuit protection.
*Reference voltage output
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
A2804L-D08-T
A2804G-D08-T
DIP-8
Tube
-
A2804G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - A2804G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A2804G-S08-R UTC-A2804G-S08-R Datasheet
131Kb / 4P
ZERO VOLTAGE SWITCH
More results

Similar Description - A2804G-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
Zero Voltage Switch
August, 2001 ??Rev. 1
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
ZERO VOLTAGE SWITCH
logo
Unisonic Technologies
A2804 UTC-A2804 Datasheet
39Kb / 4P
ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
Zero Voltage Switch
July, 2006 ??Rev. 2
logo
Unisonic Technologies
A2804 UTC-A2804_05 Datasheet
111Kb / 5P
ZERO VOLTAGE SWITCH
A2804 UTC-A2804_12 Datasheet
131Kb / 4P
ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com