Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP2103 Datasheet HTML 1Page - Intersil Corporation HIP2103 Datasheet HTML 2Page - Intersil Corporation HIP2103 Datasheet HTML 3Page - Intersil Corporation HIP2103 Datasheet HTML 4Page - Intersil Corporation HIP2103 Datasheet HTML 5Page - Intersil Corporation HIP2103 Datasheet HTML 6Page - Intersil Corporation HIP2103 Datasheet HTML 7Page - Intersil Corporation HIP2103 Datasheet HTML 8Page - Intersil Corporation HIP2103 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HIP2103, HIP2104
5
FN8276.0
November 27, 2013
Submit Document Feedback
Absolute Maximum Ratings (Note 5)
Thermal Information
Supply Voltage VDD (HIP2103 only) . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Bridge Supply Voltage VBAT (HIP2104 Only) . . . . . . . . . . . . . . . -0.3V to 60V
High side Bias Voltage (VHB - VHS) (Note 10). . . . . . . . . . . . . . . -0.3V to 16V
Logic Inputs VCen, VDen (HIP2104 Only) . . . . . . . . . . - 0.3v to VBAT+ 0.3V
Logic Inputs LI, HI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3v to VDD+ 0.3V
Output Voltage LO. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to VDD + 0.3V
Output Voltage HO . . . . . . . . . . . . . . . . . . . . . . . . . . VHS - 0.3V to VHB+ 0.3V
Voltage on HS (Note 9, 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10V to 60V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VHS - 0.3V to 66V
Average Current in Boot Diode (Note 6). . . . . . . . . . . . . . . . . . . . . . . 100mA
Maximum Boot Cap Value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10µF
Average Output Current in HO and LO (Note 6) . . . . . . . . . . . . . . . . 200mA
ESD Ratings
Human Body Model Class 2 (Tested per JESD22-A114E) . . . . . . 2000V
Charged Device Model Class IV . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V
Latch-Up (Tested per JESD-78B; Class 2, Level A) all pins. . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld DFN Package (Notes 7, 8). . . . . . . . . .
46
7
12 Ld TDFN Package (Notes 7, 8) . . . . . . .
44
7
Max Power Dissipation at +25°C in free air
8 Ld DFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3W
12 Ld TDFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2W
Max Power Dissipation at +25°C on copper plane
8 Ld DFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.3W
12 Ld TDFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.3W
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Operating Junction Temperature Range. . . . . . -40°C to +150°C
Nominal Over Temperature Shut-down . . . . . . . . . . . . . . . . . . . . . . .+155°C
Over Temperature Shut-down Range . . . . . . . . . . . . . . .+145°C to +165°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions (Note 5)
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage, VBAT(HIP2104 only) (Note 11). . . . . . . . . . . . . 5.0V to 50V
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 14V
High Side Bias Voltage (VHB - VHS) (Note 10) . . . . . . . . . . . . . . -0.3V to 14V
Voltage on HS, Continuous, VHS (Notes 9, 10) . . . . . . . . . . . . . .-10V to 50V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VHS - 0.3V to 60V
Logic Inputs VCen, VDen (HIP2104 only). . . . . . . . . . . . . . . . . . . .0V to VBAT
Output Voltage (LO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VDD
Output Voltage (HO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VHS to VHB
Average Output Current in HO and LO (Note 6) . . . . . . . . . . . . 0 to 150mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. All voltages are referenced to
VSS unless otherwise specified.
6. The average output current, when driving a power MOSFET or similar capacitive load, is the average of the rectified output current. The peak output
currents of this driver are self limiting by trans conductance or rDS(ON) and do not required any external components to minimize the peaks. If the
output is driving a non-capacitive load, such as an LED, the maximum output current must be limited by external means to less than the specified
recommended rectified average output current.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. The the maximum value of VHS must be limited so that VHB does not exceed 60V.
10. The -10V limit for VHS has no time duration restrictions as far as the HS pin is concerned however, be aware that if the duration of the negative voltage
is significant with respect to the time constant to charge the boot capacitor (across HB and HS) the voltage on the boot capacitor can charge as high
as VDD - (-VHS) = (VDD +VHS) potentially violating the Voltage Rating for (VHB - VHS).
11. When VBAT < ~13V, the output of VDD will sag. The 5V minimum specified for VBAT is the minimum level for which the UVLO will not activate.
DC Electrical Specifications VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO
and LO unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 12)
MAX
(Note 12)
LINEAR BIAS SUPPLIES (HIP2104 only)
VDD Output Voltage Over Rated
Line, Load, and Temperature
VDD12
Nominal VDD = 12V
-2.5
+2.1
+4.8
- 5%
+ 5%
%
VDD Rated Output Current
IDDR
75
mA
VDD Output Current Limit
(brick wall)
IDD12
83
151
237
80
245
mA
VDD Drop Output Voltage
(Figure 7)
VDdout
Load = 75mA
0.06
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com