Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 18 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 13Page - Intersil Corporation HIP2103 Datasheet HTML 14Page - Intersil Corporation HIP2103 Datasheet HTML 15Page - Intersil Corporation HIP2103 Datasheet HTML 16Page - Intersil Corporation HIP2103 Datasheet HTML 17Page - Intersil Corporation HIP2103 Datasheet HTML 18Page - Intersil Corporation HIP2103 Datasheet HTML 19Page - Intersil Corporation HIP2103 Datasheet HTML 20Page - Intersil Corporation HIP2103 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HIP2103, HIP2104
18
FN8276.0
November 27, 2013
Submit Document Feedback
But this solution also has its limitations. Depending on the value
of the filter capacitor and the PWM switching frequency, RHS
may dissipate significant power because the voltage on the
capacitor is switching between the bridge voltage and ground.
Usually, the power dissipated by RHS is small because the
switching frequency for most motor drives is <20kHz and the
value used for Cfilter is typically about 1000pF.
Another issue is that the charge on Cfilter will be partially
transferred to the gate of the high-side FET when the low-side FET
turns on. When the phase node goes low, a voltage is impressed
across RHS as shown in Figure 27. Because HO is low, the voltage
across RHS is also across the gate of the high side FET. If the filter
cap is very large, the voltage on the gate will approach the bridge
voltage turning on the high-side FET resulting with shoot-through.
Fortunately, the voltage across RHS is much less than the bridge
voltage for two reasons. First, the voltage across RHS is
determined by the turn-on time of the low side FET. As the
low-side FET is turning on, the charge on the filter cap is
depleting lessening the voltage across RHS. Also, because the
relatively large gate capacitance of the high-side FET is in parallel
with RHS, the voltage impressed on the gate is further reduced. In
a practical application using value of Cfilter = 4700pF and
RHS =1Ω, the voltage impressed on the bridge FET is less
than 1V.
The emphasis of suppressing transients on the HS pin has been
with negative transients. Please note that a similar transients
with a positive polarity occurs when the low-side FET turns off.
This is usually not a problem unless the bridge voltage is close to
the maximum rated operating voltage of 50V. Note that the
maximum voltage ratings for the HS and HB nodes also must be
observed when the positive transient occurs.
The maximum rating for (VHB - VHS) must also not be
overlooked. When a negative transient, Vneg, is present on the
HS pin, the voltage differential across HB and HS will approach
VDD + Vneg. If the transient duration is short compared to the
charging time constant of the boot diode and boot capacitor, the
voltage across HB and HS is not significantly affected. However,
another source of negative voltage on the HS pin will more likely
increase the boot capacitor voltage. While current is flowing from
the source to drain of the low-side FET during the dead time, the
current flows through body diode of the FET. Depending on the
size of the FET and the amplitude of the reverse current, the
voltage across the diode can be as high as -1.5V and much
higher during a load fault. Because this negative voltage has little
impedance, the boot capacitor can charge to a voltage greater
than VDD (for example VDD + 1.5V). It may be necessary to either
clamp the voltage as described in Figures 25 through 27 and/or
keep the dead time as short as possible.
General PCB Layout Guidelines
The AC performance of the HIP2103, HIP2104 depends
significantly on the design of the PC board. The following layout
design guidelines are recommended to achieve optimum
performance:
• Place the driver as close as possible to the driven power FET.
• Understand where the switching power currents flow. The high
amplitude di/dt currents of the driven power FET will induce
significant voltage transients on the associated traces.
• Keep power loops as short as possible by paralleling the
source and return traces.
• Use planes where practical; they are usually more effective
than parallel traces.
• Avoid paralleling high amplitude di/dt traces with low level
signal lines. High di/dt will induce currents and consequently,
noise voltages in the low level signal lines.
• When practical, minimize impedances in low level signal
circuits. Noise, magnetically induced on a 10kΩ resistor, is 10x
larger than the noise on a 1kΩ resistor.
• Be aware of magnetic fields emanating from motors and
inductors. Gaps in the magnetic cores of these structures are
especially bad for emitting flux.
• If you must have traces close to magnetic devices, align the
traces so that they are parallel to the flux lines to minimize
coupling.
• The use of low inductance components such as chip resistors
and chip capacitors is highly recommended.
• Use decoupling capacitors to reduce the influence of parasitic
inductance in the VBAT, VDD and GND leads. To be effective,
these caps must also have the shortest possible conduction
paths. If vias are used, connect several paralleled vias to
reduce the inductance of the vias.
• It may be necessary to add resistance to dampen resonating
parasitic circuits especially on LO and LO. If an external gate
resistor is unacceptable, then the layout must be improved to
minimize lead inductance.
• Keep high dv/dt nodes away from low level circuits. Guard
banding can be used to shunt away dv/dt injected currents
from sensitive circuits.
• Avoid having a signal ground plane under a high amplitude
dv/dt circuit. The parasitic capacitance of a ground plane, Cp,
relative to the high amplitude dv/dt circuit will result in
injected (Cp x dv/dt) currents into the signal ground paths
where C is the parasitic capacitance of the ground plane.
• Do power dissipation and voltage drop calculations of the
power traces. Many PCB/CAD programs have built in tools for
calculation of trace resistance. The internet is also a good
source for resistance calculators for PCB trace resistance.
FIGURE 27. RESISTOR AND CAPACITOR NEGATIVE TRANSIENT FILTER
VSS
HS
LO
HO
Inductive
Load
RHS
HB
CBOOT
+
_
Cfilter
IBAT, 0kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com