Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1EDI2002AS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 1EDI2002AS
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI2002AS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 1EDI2002AS Datasheet HTML 9Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 10Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 11Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 12Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 13Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 14Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 15Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 16Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
13
Rev. 3.1, 2015-07-30
Hardware Description
2
Functional Description
2.1
Introduction
The 1EDI2002AS is an advanced single channel IGBT driver that can also be used for driving power MOS devices.
The device has been developed in order to optimize the design of high performance safety relevant automotive
systems.
The device is based on Infineon’s Coreless Transformer Technology and consist of two chips separated by a
galvanic isolation. The low voltage (primary) side can be connected to a standard 5 V logic. The high voltage
(secondary) side is in the DC-link voltage domain.
Internally, the data transfers are ensured by two independent communication channels. One channel is dedicated
to transferring the ON and OFF information of the PWM input signal only. This channel is unidirectional (from
primary to secondary). Because this channel is dedicated to the PWM information, latency time and PWM
distortion are minimized. The second channel is bidirectional and is used for all the other data transfers (e.g. status
information, etc).
The 1EDI2002AS supports advanced functions in order to optimize the switching behavior of the IGBT.
Furthermore, it supports several monitoring and protection functions, making it suitable for systems having to fulfill
ASIL requirements (as per ISO 26262).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com