Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1EDI2002AS Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 1EDI2002AS
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI2002AS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 1EDI2002AS Datasheet HTML 17Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 18Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 19Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 20Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 21Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 22Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 23Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 24Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
21
Rev. 3.1, 2015-07-30
Hardware Description
2.4
Functional Block Description
2.4.1
Power Supplies
On the primary side, the 1EDI2002AS needs a single 5 Vsupply source V
CC1 for proper operation. This makes the
device compatible to most of the microcontrollers available for automotive applications.
On the secondary side, the 1EDI2002AS needs two power supplies for proper operation.
•
The positive power supply V
CC2 is typically set to 15 V (referring to VGND2).
•
The negative supply V
EE2 is typically set to -8 V (referring to VGND2).
Under- and over-voltage monitoring is performed continuously during operation of the device (see Chapter 3.3.1).
A 5V supply for the digital domain on the secondary side is generated internally (present at pin VREG).
2.4.2
Clock Domains
The clock system of the 1EDI2002AS is based on three oscillators defining each a clock domain:
•
One RC oscillator (OSC1) for the primary chip.
•
One RC oscillator (OSC2) for the secondary chip excepting the output stage.
•
One Start-Stop oscillator (SSOSC2) for the output stage on the secondary side.
The two RC oscillators are running constantly. They are also monitored constantly, and large deviations from the
nominal frequency are identified as a system failure (Event Class B, see Chapter 3.3.2.2).
The Start Stop oscillator is controlled by the PWM command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com