Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3540 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR3540
Description  35 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR3540 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR3540 Datasheet HTML 1Page - Micro Commercial Components MBR3540 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3520
THRU
MBR35100
35 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -55
°C to +175°C
•
Storage Temperature: -55
°C to +175°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR3520
20V
14V
20V
MBR3530
30V
21V
30V
MBR3535
35V
24.5V
35V
MBR3540
40V
28V
40V
MBR3545
45V
31.5V
45V
MBR3560
60V
42V
60V
MBR3580
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35 A
TA =11
0°C
Peak Forward Surge
Current
IFSM
600A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 35.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.5mA T
A = 25
°C
www.mccsemi.com
M
N
B
C
J
P
F
G
D
E
H
A
Schottky Barrier
Maximum Ratings
DO-4
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
MBR3520-3545
MBR3560
MBR3580-35100
.68 V
.84 V
.75 V
MBR35100
100V
70V
100V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
10-32 UNF3A
Threads
Standard
Polarity
B
.424
.437
10.77
11.10
C
-----
.505
-----
12.82
D
.600
.800
15.24
20.32
E
.422
.453
10.72
11.50
F
.075
.175
1.91
4.44
G
-----
.405
-----
10.29
H
.163
.189
4.15
4.80
J
-----
.310
-----
7.87
M
-----
.350
-----
8.89
∅
N
.020
.065
0.51
1.65
P
.060
.100
1.53
2.54
∅
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR3540

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR3540 TEL-MBR3540 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
logo
Naina Semiconductor ltd...
MBR3540 NAINA-MBR3540 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
logo
Digitron Semiconductors
MBR3540 DIGITRON-MBR3540 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR3540 GENESIC-MBR3540 Datasheet
799Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR3540R TEL-MBR3540R Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
More results

Similar Description - MBR3540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5829 MCC-1N5829 Datasheet
111Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 35 Volts
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com