Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3540 Datasheet (PDF) - Naina Semiconductor ltd.

MBR3540 Datasheet PDF - Naina Semiconductor ltd.
Part # MBR3540
Download  MBR3540 Download
File Size   123.45 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 35A

MBR3540 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3540 Datasheet PDF - Naina Semiconductor ltd.

Part # MBR3540
Download  MBR3540 Click to download

File Size   123.45 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 35A

MBR3540 Datasheet (HTML) - Naina Semiconductor ltd.


MBR3540 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - MBR3540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3540 MCC-MBR3540 Datasheet
115Kb / 2P
35 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR3540 TEL-MBR3540 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
logo
Digitron Semiconductors
MBR3540 DIGITRON-MBR3540 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR3540 GENESIC-MBR3540 Datasheet
799Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR3540R TEL-MBR3540R Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
More results


Similar Description - MBR3540

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A Datasheet
52Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
logo
Won-Top Electronics
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
logo
Naina Semiconductor ltd...
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
Schottky Power Diode, 35A
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Naina Semiconductor ltd...
1N1183 NAINA-1N1183 Datasheet
559Kb / 2P
Standard Recovery Diode, 35A
1N3765 NAINA-1N3765 Datasheet
556Kb / 2P
Standard Recovery Diode, 35A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Silicon Supplies
SIS650S35AS SS-SIS650S35AS Datasheet
1Mb / 3P
650V 35A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com