Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYY57 Datasheet (PDF) - Zetex Semiconductors

BYY57 Datasheet PDF - Zetex Semiconductors
Part # BYY57
Download  BYY57 Download
File Size   212.51 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35A Silicon Power Rectifier Diode

BYY57 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYY57 Datasheet PDF - Zetex Semiconductors

Part # BYY57
Download  BYY57 Click to download

File Size   212.51 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35A Silicon Power Rectifier Diode

BYY57 Datasheet (HTML) - Zetex Semiconductors




Similar Part No. - BYY57

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
BYY57A-100 ZETEX-BYY57A-100 Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
BYY57A-150 ZETEX-BYY57A-150 Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
BYY57A-200 ZETEX-BYY57A-200 Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
BYY57A-300 ZETEX-BYY57A-300 Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
More results


Similar Description - BYY57

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
Silicon Bridge Rectifier, 35A
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Naina Semiconductor ltd...
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
Schottky Power Diode, 35A
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
Silicon Power Rectifier Diode, 40Amp
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
35A Bridge Rectifier
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com