Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP57 Datasheet (PDF) - Zetex Semiconductors

BYP57 Datasheet PDF - Zetex Semiconductors
Part # BYP57
Download  BYP57 Download
File Size   192.58 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35A Silicon Power Rectifier Diode

BYP57 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYP57 Datasheet PDF - Zetex Semiconductors

Part # BYP57
Download  BYP57 Click to download

File Size   192.58 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35A Silicon Power Rectifier Diode

BYP57 Datasheet (HTML) - Zetex Semiconductors


BYP57 Product details

Description
The BYP57/58 are plastic sealed 35A- diodes, which are available in different reverse voltage classes up to 800V. The diodes can be delivered with limited forward voltage and reverse current differences for parallel connecting in rectifier stacks and back off-diodes

Features
• Forward current 35A
• Reverse voltage 75V – 800V
• Hermetic press-fit package
• Available in different modifications of the package

Applications
• Power supplies
• Rectifier diode in car generators
• Rectifier bridges/stacks
• Back-off-diodes




Similar Part No. - BYP57

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP57-100 DIODES-BYP57-100 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP57-150 DIODES-BYP57-150 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP57-200 DIODES-BYP57-200 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP57-300 DIODES-BYP57-300 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results


Similar Description - BYP57

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
Silicon Bridge Rectifier, 35A
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Naina Semiconductor ltd...
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
Schottky Power Diode, 35A
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
Silicon Power Rectifier Diode, 40Amp
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
35A Bridge Rectifier
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com