Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYY53 Datasheet (PDF) - Zetex Semiconductors

BYY53 Datasheet PDF - Zetex Semiconductors
Part # BYY53
Download  BYY53 Download
File Size   213.17 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25A Silicon Power Rectifier Diode

BYY53 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYY53 Datasheet PDF - Zetex Semiconductors

Part # BYY53
Download  BYY53 Click to download

File Size   213.17 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25A Silicon Power Rectifier Diode

BYY53 Datasheet (HTML) - Zetex Semiconductors


BYY53 Product details

Description
The BYY53/54 are hermetically sealed 25A diodes, which are available in different reverse voltage classes up to 1500V.
The diodes can be delivered with limited forward voltage and reverse current differences for parallel connecting in rectifier stacks and back-off-diodes

Features
• Forward current 25A
• Reverse voltage 75V – 1500V
• Hermetic press-fit package
• Available in different modifications of the
   package

Applications
• Power supplies
• Rectifier diode in car generators
• Rectifier bridges/stacks
• Back-off-diodes




Similar Part No. - BYY53

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
More results


Similar Description - BYY53

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com