Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8024 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8024
Description  1A 1.5MHz 6V Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8024 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8024 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8024
ORDERING INFORMATION
PART No.
PACKAGE
Tape&Reel
BL8024CB5TR
SOT23-5
3000/Reel
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
6.3V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-40C – 85C
Maximum Power Dissipation
SOT23-5
400mW
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Operating Junction Temperature(Tj)
-20C –125C
ELECTRICAL CHARACTERISTICS
(VDD=5V, TA=25C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
2.6
6.0
V
Vref
Feedback Voltage
Vin=5V
0.585
0.6
0.615
V
Ifb
Feedback Leakage current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=0.65, No Switching
40
uA
Shutdown
1
uA
LnReg
Line Regulation
Vin=2.7V to 5.5V
0.04
0.2
%/V
LdReg
Load Regulation
Iout=0.01 to 1A
0.1
0.2
%/A
Fsoc
Switching Frequency
1.3
1.5
1.7
MHz
RdsonP
PMOS Rdson
280
350
mohm
RdsonN
NMOS Rdson
190
250
mohm
Ilimit
Peak Current Limit
Vin  3.3V
1.2
1.5
2
A
Iswlk
SW Leakage Current
Vout=5.5V, VSW=0 or 5.5V, EN=0V
10
uA
Ienlk
EN Leakage Current
1
uA
Vh_en
EN Input High Voltage
1.5
V
Vl_en
EN Input Low Voltage
0.4
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com