Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8024 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8024
Description  1A 1.5MHz 6V Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8024 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8024 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8024 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
1A 1.5MHz 6V Synchronous Buck Converter
BL8024
DESCRIPTION
The BL8024 is a high-efficiency, DC-to-DC step-
down switching regulators, capable of delivering up
to 1A of output current. The device operates from
an input voltage range of 2.6V to 6.0V and provides
an output voltage from 0.6V to VIN, making the
BL8024 ideal for low voltage power conversions.
Running at a fixed frequency of 1.5MHz allows the
use of small external components, such as ceramic
input and output caps, as well as small inductors,
while still providing low output ripples. This low
noise output along with its excellent efficiency
achieved by the internal synchronous rectifier,
making BL8024 an ideal green replacement for
large power consuming linear regulators. Internal
soft-start control circuitry reduces inrush current.
Short-circuit
and
thermal-overload
protection
improves design reliability.
BL8024 is housed in a SOT23-5 Package
FEATURES
 High Efficiency: Up to 96%
 Capable of Delivering 1A (Vin  3.3V)
 1.5MHz Switching Frequency
 No External Schottky Diode Needed
 Low dropout 100% Duty operation
 Internal Compensation and Soft-Start
 Current Mode control
 0.6V Reference for Low Output voltages
 Logic Control Shutdown (IQ<1uA)
 Thermal shutdown and UVLO
 Available in SOT23-5
APPLICATIONS
 Cellular phones
 Digital Cameras
 MP3 and MP4 players
 Set top boxes
 Wireless and DSL Modems
 USB supplied Devices in Notebooks
 Portable Devices
TYPICAL APPLICATION
PIN OUT & MARKING
SOT23-5
VIN
SW
FB
EN
GND
GGYW
GG: Product Code
YW: Date code (Year & Week)
BL8024


Similar Part No. - BL8024

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021 BELLING-BL8021 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
More results

Similar Description - BL8024

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com