Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8095 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8095
Description  24V-1.2A Asynchronous Buck Converter in SOT23-6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8095 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8095 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095
DESCRIPTION
The BL8095 is a high efficiency current-mode
asynchronous, 24V/1.2A buck converter. Its input
voltage ranges from 4V to 24V and it provides an
adjustable regulated output voltage from 0.810V
to 5.5V while delivering up to 1.2A of output
current.
The switching frequency is set to 1.4MHz, which
works with a inductor as small as 4.7uH. And the
BL8095 will automatically switch between PFM
and PWM mode based on the load current, thus
to enhance the converter efficiency at light load.
BL8095 consists of many protection blocks such
as UVLO, input voltage over voltage protection to
stand much higher input voltage spike, thermal
protection and output short circuit protection.
The BL8095 is available in the tiny SOT23-6
package.
FEATURES
 Adjustable Output Voltage, Vfb=0.810V
 Output current is up to 1.2A
 Range of operation input voltage: 4-24V
 Input voltage UVLO: 3.7V (voltage decreasing)
 Input Overvoltage Protection @26V
 Withstand input voltage spike >30V
 Operating current at zero load: 0.8mA (typ.)
 Line regulation: 0.1%/V (typ.)
 Load regulation: 10mV (typ.)
 High efficiency, up to 90%
 Environment Temperature: -20C~85C
APPLICATIONS
 Security Camera
 Consumer Electronic Device for automobile
 Portable DVD
 ADSL Modem, WLAN router
 Other 12V or double cell Li-ion battery
powered device
TYPICAL APPLICATION and PIN OUT
LC2325
GND
FB
VIN
SW
VOUT
5V/1.2A
VIN 12V
4.7μH
82K
16K
EN
25V
10μF
6.3V
22μF
5
4
6
3
2
BST
10nF
1
SOT23-6
SW
FB
EN
GND
VIN
HBYW
BST
2
3
6
5
4
1
LOW CURRENT CONSUMPTION
YW: Date code,
Year and Week
being assembled
BL8095


Similar Part No. - BL8095

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8095 BELLING-BL8095 Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095CB6TR BELLING-BL8095CB6TR Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095 BELLING-BL8095_16 Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
More results

Similar Description - BL8095

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
Synchronous Buck Converter in a SOT23-6 Plastic Package
logo
SHANGHAI BELLING CO., L...
BL8095 BELLING-BL8095_16 Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
logo
Leshan Radio Company
LR8095 LRC-LR8095 Datasheet
1Mb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com