Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8095 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8095
Description  24V-1.2A Asynchronous Buck Converter in SOT23-6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8095 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8095 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8095
MARK and ORDERING INFORMATION
Mark Explanation
Ordering Information
HB: Product Code
YW: Date code
Product ID
BL8095CB6TR
Devices per reel
3000
PINOUT DESCRIPTION
PIN #
NAME
DESCRIPTION
1
BST
High side power transistor gate drive boost input
2
GND
Ground.
3
FB
Feedback input with reference voltage set to 0.810V
4
EN
Enable input. Setting it to high level or connecting to Vin via a resistor may turn on the chip,
while setting it to ground level will turn off the chip.
5
VIN
Power input, the input capacitor should be placed as close to VIN and GND pin as possible
6
SW
Power switching node to connect inductor
BLOCK DIAGRAM
REG
&REF
PWM
Logic
DRIVER
FB
+
Slope Comp
OSC
Σ
VIN
BST
SW
GND
UVLO &
Thermal
shutdown
Current
Sense
EA
+
-
-
EN
COMP
network
SOT23-6
SW
FB
EN
GND
VIN
HBYW
BST
2
3
6
5
4
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com