Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SH32G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U7SH32G-AL5-R
Description  2-INPUT OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH32G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U7SH32G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U7SH32G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U7SH32G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U7SH32G-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U7SH32
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-070.B
2-INPUT OR GATE
DESCRIPTION
The U7SH32 is a 2-input OR gate, it provides the Function Y=A+B.
FEATURES
* Operation Voltage Range: 2~5.5V
* Low Power Dissipation:
ICC=2μA(Max)
* High Speed:
tPD=3.8ns(Typ)
* High Noise Immunity
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
U7SH32L-AF5-R
U7SH32G-AF5-R
SOT-25
Tape Reel
U7SH32L-AL5-R
U7SH32G-AL5-R
SOT-353
Tape Reel
MARKING
H32
3
2
1
4
5
G: Halogen Free
L:Lead Free


Similar Part No. - U7SH32G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SH32G-AL5-R UTC-U7SH32G-AL5-R Datasheet
138Kb / 4P
2-INPUT OR GATE
More results

Similar Description - U7SH32G-AL5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
logo
NXP Semiconductors
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com