Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3126G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT3126G-P14-R
Description  QUADRUPLE FET BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3126G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT3126G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74CBT3126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-567.B
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Supply Voltage
VCC
4 ~ 5.5
V
High
VIH
2
V
Control Input Voltage
Low
VIL
0.8
V
Input Clamp Current
IIK
-50
mA
Continuous Channel Current
ICH
128
mA
SOP-14
600
Power Dissipation
TOPR = -40°C to +125°C
TSSOP-14
PD
500
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
139
Junctions to Ambient
TSSOP-14
θJA
170
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C , VCC = 5 V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Digital Input Diode Voltage
VIK
VCC = 4.5V, II = -18mA
-1.2
V
Input Leakage Current
(OE inputs)
II(LEAK)
VCC = 5.5V, VIN = 5.5V or GND
±1
μA
Quiescent Supply Current
ICC
VCC = 5.5V, VIN = 5.5V or GND, IOUT =
0
3
μA
Additional quiescent Supply Current
 ICC
VCC = 5.5V, One input at 3.4V,
Other inputs at VCC or GND
2.5
mA
Input Capacitance (OE)
CIN
VIN = 3V or GND
3
pF
I/O Capacitance (OFF)
CIO
VOUT = 3V or GND, OE = GND
4
pF
VCC = 4V, VIN = 2.4V, IIN = 15mA, TYP
at VCC = 4V
16
22
VCC = 4.5V, VIN = 0V, IIN = 64mA
5
7
VCC = 4.5V, VIN = 0V, IIN = 30mA
5
7
Resistor between two ports
ron
VCC = 4.5V, VIN = 2.4V, IIN = 15mA
10
15
Ω
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VCC=4V
0.35
Propagation delay
from input A (or B) to output B (or A)
tPLH/tPHL
(tpd)
VCC=5±0.5V
0.25
ns
VCC=4V
5.4
Propagation delay
from input OE to output A or B
tPZL/tPZH
(ten)
VCC=5±0.5V
1.6
5.1
ns
VCC=4V
5
Propagation delay
from input OE to output A or B
tPLZ/tPHZ
(tdis)
CL=50pF, RL=500Ω
VCC=5±0.5V
1
4.5
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com