Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3126G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBT3126G-P14-R
Description  QUADRUPLE FET BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3126G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBT3126G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3126G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBT3126
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-567.B
QUADRUPLE FET BUS SWITCH
DESCRIPTION
The U74CBT3126 is a quadruple line bus switch. It is composed
of four 1-bit line switchs with independent separate output-enable
(OE) inputs. When OE is low, the switch is disabled.
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pull-down resistor and
the minimum value of the resistor is determined by the
current-sourcing capability of the driver.
FEATURES
* 5 Ω switch connection between two ports
* Max tpd of 0.25 ns at 5V
* Low power consumption, ICC = 3 μA (Max.) at 5.5V
* TTL compatible input levels
ORDERING INFORMATION
Ordering Number
Package
Packing
U74CBT3126G-S14-R
SOP-14
Tape Reel
U74CBT3126G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74CBT3126G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
QUADRUPLE FET BUS SWITCH
More results

Similar Description - U74CBT3126G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
QUADRUPLE FET BUS SWITCH
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
Quadruple FET Bus Switch
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
Quadruple FET bus switch
Rev. 2 - 1 October 2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com