Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC32L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC32L-P14-R
Description   QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC32L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC32L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-075.C
SWITCHING CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-AIR
TEMPERATURE RANGE (Ta = 25°C, CL = 50 pF, unless otherwise specified)
PARAMETER
SYMBOL
FROM(INPUT)
TO(OUTPUT)
VCC
MIN
TYP
MAX
UNIT
2V
43
4.5V
18
Propagation Delay from A or B
to Y
tPD
A or B
Y
6V
15
ns
2V
33
4.5V
19
Output Rise and Fall Time
tT
Y
6V
17
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com