Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC32L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC32L-P14-R
Description   QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC32L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC32L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC32L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC32
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-075.C
QUADRUPLE 2-INPUT
POSITIVE-OR GATES
DESCRIPTION
The UTC U74HC32 devices contain four independent 2-input OR
gates. They perform the Boolean function Y =
B
A
•
or Y = A + B in
positive logic.
FEATURES
* Wide Operating Voltage Range of 1.0V ~ 7.0V
* Low Power Consumption, 20μA Max ICC
* ±20mA Output Drive at 5V
* Low Input Current of 1μA Max
ORDERING INFORMATION
Ordering Number
Lead Free Plating
Halogen Free
Package
Packing
U74HC32L-D14-T
U74HC32G-D14-T
DIP-14
Tube
U74HC32L-S14-T
U74HC32G-S14-T
SOP-14
Tube
U74HC32L-S14-R
U74HC32G-S14-R
SOP-14
Tape Reel
U74HC32L-P14-T
U74HC32G-P14-T
TSSOP-14
Tube
U74HC32L-P14-R
U74HC32G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74HC32L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC32L-P14-T UTC-U74HC32L-P14-T Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - U74HC32L-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com