Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AG-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74HC595AG-S16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AG-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74HC595AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-354.E
PIN CONFIGURATION
FUNCTION TABLE
Operation
INPUT
OUTPUT
Reset
Serial
input A
Shift
clock
Latch
clock
Output
enable
SR
LR
SQH
QA to QH
Reset shift register
L
X
X
L,H, 
L
L
NC
L
NC
Shift data into shift
register
H
D
L,H, 
L
D SRA
SRNSRN+1
NC
SRGSRH
NC
Shift register remains
unchanged
H
X
L,H,  L,H, 
L
NC
NC
NC
NC
Transfer shift register
contents to latch
register
H
X
L,H, 
L
NC
SRNLRN
NC
SRN
Latch register remains
unchanged
X
X
X
L,H, 
L
*
NC
*
NC
Enable parallel outputs
X
X
X
X
L
*
**
*
Enabled
Force outputs into high
impedance state
X
X
X
X
H
*
**
*
Z
SR: shift register contents
LR: latch register contents
NC: unchanged
D: data(L,H) logic level
: low-to-high
: high-to-low
*: depends on Reset and Shift Clock inputs
**: depends on Latch Clock inputs
LOGIC DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com