Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AG-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC595AG-S16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AG-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC595AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AG-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-354.E
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Maximum clock pulse frequency
fmax
VCC=2V
6
MHz
VCC=3V
15
MHz
VCC=4.5V
30
MHz
VCC=6V
35
MHz
Propagation delay from input
(Latch Clock) to output(Qn)
tPHL/tPLH
VCC=2V
140
ns
VCC=3V
100
ns
VCC=4.5V
28
ns
VCC=6V
24
ns
Propagation delay from input
(Output Enable) to output(Qn)
tPZL/tPZH
VCC=2V
135
ns
VCC=3V
90
ns
VCC=4.5V
27
ns
VCC=6V
23
ns
Propagation delay from input
(Output Enable) to output(Qn)
tPLZ/tPHZ
VCC=2V
150
ns
VCC=3V
100
ns
VCC=4.5V
30
ns
VCC=6V
26
ns
Output transition time, SQH
tTLH/ tTHL
VCC=2V
75
ns
VCC=3V
27
ns
VCC=4.5V
15
ns
VCC=6V
13
ns
Propagation delay from input
(Reset) to output(SQH)
tPHL
VCC=2V
145
ns
VCC=3V
100
ns
VCC=4.5V
29
ns
VCC=6V
25
ns
Propagation delay from input
(Shift Clock) to output(SQH)
tPLH/tPHL
VCC=2V
140
ns
VCC=3V
100
ns
VCC=4.5V
28
ns
VCC=6V
24
ns
Output transition time, Qn
tTLH/ tTHL
VCC=2V
60
ns
VCC=3V
23
ns
VCC=4.5V
12
ns
VCC=6V
10
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
Cpd
No load
300
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com