Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G126G-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G126G-SM1-R
Description  DUAL BUS BUFFER GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G126G-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G126G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74LVC2G126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-231.E
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage
Enable
VOUT
-0.5~VCC+0.5
V
Disable
-0.5~6.5
V
Power-down
-0.5~6.5
V
VCC or GND Current
ICC
±100
mA
Input Clamp Current(VIN<0)
IIK
-50
mA
Output Clamp Current(VOUT<0)
IOK
±50
mA
Output Current
IOUT
±50
mA
Power Dissipation
PD
300
mW
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
Enable
VOUT
VCC =1.65~5.5V
0
VCC
V
Disable
VCC =1.65~5.5V
0
5.5
V
Power-down
VCC =0V
0
5.5
V
Input Transition Rise or Fall Rate
tR, tF
VCC =1.65~2.7V
0
20
ns/V
VCC =2.7~5.5V
0
10
ns/V
Operating Temperature
TA
-40
125
C
STATIC CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-Going Input Threshold Voltage
VT+
VCC=1.65V~1.95V
0.65×VCC
V
VCC=2.3V~2.7V
1.7
V
VCC=2.7V~3.6V
2
V
VCC=4.5V~5.5V
0.7×VCC
V
Negative-Going Input Threshold
Voltage
VT-
VCC=1.65V~1.95V
0.35×VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=2.7V~3.6V
0.8
V
VCC=4.5V~5.5V
0.3×VCC
V
High-Level Output Voltage
VOH
VCC=1.65V~5.5V, IOH=-100μA V
CC–0.1
V
VCC=1.65V, IOH=-4mA
1.2
V
VCC=2.3V, IOH=-8mA
1.9
V
VCC=2.7V, IOH=-12mA
2.2
V
VCC=3V, IOH=-24mA
2.3
V
VCC=4.5V, IOH=-32mA
3.8
V
Low-Level Output Voltage
VOL
VCC=1.65V~5.5V, IOL=100μA
0.1
V
VCC=1.65V, IOL=4mA
0.45
V
VCC=2.3V, IOL=8mA
0.3
V
VCC=2.7V, IOL=12mA
0.4
V
VCC=3V, IOL=24mA
0.55
V
VCC=4.5V, IOL=32mA
0.55
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=5.5V or GND
±0.1
±5
µA
Output OFF -State Current
IOZ
VCC=3.6V, VOUT=VCC or GND
±0.1
±10
µA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VOUT =5.5V
±0.1
±10
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com