Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G126G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G126G-SM1-R
Description  DUAL BUS BUFFER GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G126G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G126G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G126G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G126
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-231.E
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC2G126 consists of two bus buffers with 3-state
output controlled by enable input (nOE), when nOE is low, the output
is disabling.
Inputs can be driven from either 3.3V or 5V devices, so the
device can be used in a mix 3.3V/5V system.
This device is full specified for partial power-down protective
circuit, preventing the backflow current through the device when it is
powered down.
FEATURES
* Operation voltage range: 1.65~5.5V
* Support 5V VCC operation
* Low power dissipation
* Input accept voltage to 5.5V
TSSOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G126G-P08-R
TSSOP-8
Tape Reel
U74LVC2G126G-SM1-R
MSOP-8
Tape Reel
MARKING
MSOP-8
TSSOP-8


Similar Part No. - U74LVC2G126G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G126G-SM1-R UTC-U74LVC2G126G-SM1-R Datasheet
173Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC2G126G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F125 TI-SN74F125_07 Datasheet
354Kb / 11P
QUADRUPLE BUS BUFFER GATE
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74AUC1G126 UTC-U74AUC1G126_15 Datasheet
220Kb / 5P
SINGLE BUS BUFFER GATE
U74AUP1G126 UTC-U74AUP1G126_15 Datasheet
240Kb / 7P
SINGLE BUS BUFFER GATE
U74AHCT1G125 UTC-U74AHCT1G125_V01 Datasheet
189Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com