Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC06AL-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC06AL-S14-R
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC06AL-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC06AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC06A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-438.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output Voltage
VOUT
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
±50
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT<0)
IOK
-50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-14
θJA
86
°C/W
TSSOP-14
113
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
3.6
V
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
5.5
V
Operating Temperature
TA
-40
85
°C
Low-Level Output Current
IOL
VCC=1.65V
4
mA
VCC=2.3V
8
mA
VCC=2.7V
12
mA
VCC=3V
24
mA
ELECTRICAL CHARACTERISTICS (TA =25°C ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=1.65V ~ 1.95V
0.65*VCC
V
VCC=2.3V ~ 2.7V
1.7
V
VCC=2.7V ~ 3.6V
2
V
Low-Level Input Voltage
VIL
VCC=1.65V ~ 1.95V
0.35*VCC
V
VCC=2.3V ~ 2.7V
0.7
V
VCC=2.7V ~ 3.6V
0.8
V
Low-Level Output Voltage
VOL
IOL=100μA
VCC=1.65 ~ 3.6V
0.2
V
IOL= 4mA
VCC=1.65V
0.45
V
IOL= 8mA
VCC=2.3V
0.7
V
IOL=12mA
VCC=2.7V
0.4
V
IOL=24mA
VCC=3.0V
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=3.6V
±1
μA
Power OFF Leakage Current
IOFF
VIN or VOUT=5.5V, VCC=0V
±1
μA
Quiescent Supply Current
IQ
VIN= VCC or GND, IOUT=0, VCC=3.6V
1
μA
Additional Quiescent Supply
Current Per Input Pin
ΔIQ
VCC=2.7~3.6V,One input at VCC-0.6V,
IOUT=0, Other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VIN= VCC or GND, VCC=3.3V
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com