Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC06AL-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC06AL-S14-R
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC06AL-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC06AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC06AL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC06A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-438.C
SWITCHING CHARACTERISTICS (TA=25°С ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(nA) to output(nY)
tPLZ / tPZL
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
1.4
5.1
ns
VCC=2.5±0.2V, RL=500Ω
1.0
2.8
ns
VCC=2.7V, RL=500Ω
CL=50pF
1.0
3.7
ns
VCC=3.3±0.3V, RL=500Ω
1.0
3.5
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Per Inverter
CPD
VCC=1.8±0.15V
f=10MHz
2.1
pF
VCC=2.5±0.2V
2.3
pF
VCC=3.3±0.3V
2.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com