Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC06AG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC06AG-S14-R
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC06AG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC06AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC06AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC06AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC06AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC06AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC06A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-438.C
HEX INVERTER
BUFFERS/DRIVERS WITH
OPEN-DRAIN OUTPUTS
DESCRIPTION
The U74LVC06A contain six independent inverter buffers/drivers
with open drain outputs, and performs the Boolean function Y= A in
positive logic.
This device has power-down protective circuit preventing
destruction of the device when it is powered down.
FEATURES
* Operate From 1.65V to 3.6V
* Inputs and Open-Drain Outputs Accept Voltages to 5.5V
* IOFF Supports Partial-Power-Down Mode
* Low Power Dissipation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC06AL-S14-R
U74LVC06AG-S14-R
SOP-14
Tape Reel
U74LVC06AL-S14-T
U74LVC06AG-S14-T
SOP-14
Tube
U74LVC06AL-P14-R
U74LVC06AG-P14-R
TSSOP-14
Tape Reel
U74LVC06AL-P14-T
U74LVC06AG-P14-T
TSSOP-14
Tube


Similar Part No. - U74LVC06AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
U74LVC06AL-P14-R UTC-U74LVC06AL-P14-R Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
U74LVC06AL-P14-T UTC-U74LVC06AL-P14-T Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - U74LVC06AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A Datasheet
93Kb / 8P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
Hex Inverter Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com