Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCM101L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCM101L-AF5-R
Description  BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM101L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCM101L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UCM101
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-933.a
APPLICATION INFORMATION
A common application for micro-power current monitors is measuring the discharge current of a rechargeable
lithium ion/polymer battery. The UTC UCM101 enables measuring both the charge and discharge current into the
battery and with its wide operating voltage of 2.5~20V enables it to measure the currents in to/ out of up to 4 cells
connected in series.
When choosing appropriate values for RSENSE a compromise must be reached between in-line signal loss
(including potential power dissipation effects) and small signal accuracy.
Higher values for RSENSE gives better accuracy at low load currents by reducing the inaccuracies due to internal
offsets. For best operation the UTC UCM101 has been designed to operate with VSENSE of the order of
50mV~150mV.
TYPICAL APPLICATION CIRCUIT
VIN+
RS
VIN-
S+
S-
4
5
1
Flag
GND
2
3
OUT
VOUT
UTC
UCM101
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com