Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCM101L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCM101L-AF5-R
Description  BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM101L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCM101L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCM101
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-933.a
BIDIRECTIONAL PRECISION
HIGH-SIDE CURRENT
MONITOR
DESCRIPTION
The UTC UCM101 is a bidirectional precision high-side current
sense monitor. It uses UTC’s advanced technology to provide
customers with a minimum operating current, high accuracy, high
side voltage and a fixed gain of 10, etc.
The UTC UCM101’s output voltage is proportional to the
differential input voltage. Direction of current flow is indicated by
the Flag pin.
The UTC UCM101 is suitable for widely voltage range
applications and portable battery equipment.
FEATURES
* Low operating current
* High side voltage (2.7~20V)
* A fixed gain of 10
* High accuracy (typ=1%)
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCM101L-AF5-R
UCM101G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UCM101L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCM101L-AF5-R UTC-UCM101L-AF5-R Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
More results

Similar Description - UCM101L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
Bidirectional precision high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1041 DIODES-ZXCT1041 Datasheet
514Kb / 12P
Bidirectional precision high-side current monitor
JANUARY 2008
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Unisonic Technologies
UCM101 UTC-UCM101 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Texas Instruments
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com