Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1806 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 48Page - Texas Instruments AM1806 Datasheet HTML 49Page - Texas Instruments AM1806 Datasheet HTML 50Page - Texas Instruments AM1806 Datasheet HTML 51Page - Texas Instruments AM1806 Datasheet HTML 52Page - Texas Instruments AM1806 Datasheet HTML 53Page - Texas Instruments AM1806 Datasheet HTML 54Page - Texas Instruments AM1806 Datasheet HTML 55Page - Texas Instruments AM1806 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 245 page
background image
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
3.7.24 Reserved and No Connect
Table 3-26. Reserved and No Connect Terminal Functions
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
Reserved. For proper device operation, this pin must be tied either directly to
RSV2
T19
PWR
CVDD or left unconnected (do not connect to ground).
Reserved. For proper device operation, the pin must be pulled up to supply
RSVDN
J17
I
DVDD3318_B.
NC
M14, N16
—
These pins may be left unconnected or connected to ground (VSS).
NC
M3
—
These pins should be left unconnected (do not connect to power or ground).
NC
M2,N4,P1,P2
—
These pins should be left unconnected (do not connect to power or ground).
NC
N1
—
This pin should be left unconnected (do not connect to power or ground).
NC
N2
—
This pin should be left unconnected (do not connect to power or ground).
NC
N3
—
This pin should be left unconnected (do not connect to power or ground).
NC
J1
—
This pin should be left unconnected (do not connect to power or ground).
NC
J2
—
This pin should be left unconnected (do not connect to power or ground).
NC
L1
—
This pin should be left unconnected (do not connect to power or ground).
NC
L2
—
This pin should be left unconnected (do not connect to power or ground).
NC
P3
—
This pin should be left unconnected (do not connect to power or ground).
NC
P14
—
This pin should be left unconnected (do not connect to power or ground).
NC
P15
—
This pin should be left unconnected (do not connect to power or ground).
NC
P18
—
This pin should be left unconnected (do not connect to power or ground).
NC
P19
—
This pin should be left unconnected (do not connect to power or ground).
(1)
PWR = Supply voltage.
52
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com