Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1806 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 1 Page - Texas Instruments

  AM1806 Datasheet HTML 1Page - Texas Instruments AM1806 Datasheet HTML 2Page - Texas Instruments AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 245 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
AM1806 ARM® Microprocessor
1
AM1806 ARM Microprocessor
1.1
Features
1
Output of the PRU Cores.
• 375- and 456-MHz ARM926EJ-S™ RISC MPU
– Standard Power-Management Mechanism
• Enhanced Direct Memory Access Controller 3
(EDMA3):
•
Clock Gating
– 2 Channel Controllers
•
Entire Subsystem Under a Single PSC Clock
Gating Domain
– 3 Transfer Controllers
– Dedicated Interrupt Controller
– 64 Independent DMA Channels
– Dedicated Switched Central Resource
– 16 Quick DMA Channels
• USB 2.0 OTG Port with Integrated PHY (USB0)
– Programmable Transfer Burst Size
– USB 2.0 High- and Full-Speed Client
• 1.8-V or 3.3-V LVCMOS I/Os (Except for USB and
DDR2 Interfaces)
– USB 2.0 High-, Full-, and Low-Speed Host
• Two External Memory Interfaces:
– End Point 0 (Control)
– EMIFA
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
ISOC) RX and TX
•
NOR (8- or 16-Bit-Wide Data)
• One Multichannel Audio Serial Port (McASP):
•
NAND (8- or 16-Bit-Wide Data)
– Transmit and Receive Clocks
•
16-Bit SDRAM with 128-MB Address Space
– Two Clock Zones and 16 Serial Data Pins
– DDR2/Mobile DDR Memory Controller with one
– Supports TDM, I2S, and Similar Formats
of the following:
– DIT-Capable
•
16-Bit DDR2 SDRAM with 256-MB Address
Space
– FIFO Buffers for Transmit and Receive
•
16-Bit mDDR SDRAM with 256-MB Address
• Two Multichannel Buffered Serial Ports (McBSPs):
Space
– Transmit and Receive Clocks
• Three Configurable 16550-Type UART Modules:
– Supports TDM, I2S, and Similar Formats
– With Modem Control Signals
– AC97 Audio Codec Interface
– 16-Byte FIFO
– Telecom Interfaces (ST-Bus, H100)
– 16x or 13x Oversampling Option
– 128-Channel TDM
• LCD Controller
– FIFO Buffers for Transmit and Receive
• Two Serial Peripheral Interfaces (SPIs) Each with
• Video Port Interface (VPIF):
Multiple Chip Selects
– Two 8-Bit SD (BT.656), Single 16-Bit or Single
• Two Multimedia Card (MMC)/Secure Digital (SD)
Raw (8-, 10-, and 12-Bit) Video Capture
Card Interfaces with Secure Data I/O (SDIO)
Channels
Interfaces
– Two 8-Bit SD (BT.656), Single 16-Bit Video
• Two Master and Slave Inter-Integrated Circuits
Display Channels
( I2C Bus™)
• Universal Parallel Port (uPP):
• One Host-Port Interface (HPI) with 16-Bit-Wide
– High-Speed Parallel Interface to FPGAs and
Muxed Address and Data Bus For High Bandwidth
Data Converters
• Programmable Real-Time Unit Subsystem
– Data Width on Both Channels is 8- to 16-Bit
(PRUSS)
Inclusive
– Two Independent Programmable Real-Time Unit
– Single-Data Rate or Dual-Data Rate Transfers
(PRU) Cores
– Supports Multiple Interfaces with START,
•
32-Bit Load-Store RISC Architecture
ENABLE, and WAIT Controls
•
4KB of Instruction RAM per Core
• Real-Time Clock (RTC) with 32-kHz Oscillator and
•
512 Bytes of Data RAM per Core
Separate Power Rail
•
PRUSS can be Disabled via Software to
• Three 64-Bit General-Purpose Timers (Each
Save Power
Configurable as Two 32-Bit Timers)
•
Register 30 of Each PRU is Exported from
• One 64-Bit General-Purpose or Watchdog Timer
the Subsystem in Addition to the Normal R31
(Configurable as Two 32-Bit General-Purpose
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1806 TI1-AM1806 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
More results

Similar Description - AM1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
AM1808 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com