Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNQ32T-R18 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # LNQ32T-R18
Description  Wide Inductance Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

LNQ32T-R18 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  LNQ32T-R18 Datasheet HTML 1Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 2Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 3Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECM SMD Ferrite Chip Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(Ma)
LNQ32T Series (1210) Continued…
LNQ32T-221
220 @ 1MHz
K,J
40 @ 0.796MHz
6
11.8
65
LNQ32T-271
270 @ 1MHz
K,J
40 @ 0.796MHz
5
12.5
65
LNQ32T-331
330 @ 1MHz
K,J
40 @ 0.796MHz
5
13.0
65
LNQ32T-391
390 @ 1MHz
K,J
50 @ 0.796MHz
5
22.0
50
LNQ32T-471
470 @ 1kHz
K,J
50 @ 0.796MHz
5
25.0
45
LNQ32T-561
560 @ 1kHz
K,J
50 @ 0.796MHz
5
28.0
40
LNQ45T Series (1812)
LNQ45T-1R0
1.0 @ 1MHz
M
20 @ 1MHz
120
0.20
500
LNQ45T-1R2
1.2 @ 1MHz
M
20 @ 1MHz
100
0.20
500
LNQ45T-1R5
1.5 @ 1MHz
M
20 @ 1MHz
85
0.30
500
LNQ45T-1R8
1.8 @ 1MHz
M
20 @ 1MHz
75
0.30
500
LNQ45T-2R2
2.2 @ 1MHz
M
20 @ 1MHz
62
0.30
500
LNQ45T-2R7
2.7 @ 1MHz
M
20 @ 1MHz
53
0.32
500
LNQ45T-3R3
3.3 @ 1MHz
M
20 @ 1MHz
47
0.35
500
LNQ45T-3R9
3.9 @ 1MHz
M
20 @ 1MHz
41
0.38
500
LNQ45T-4R7
4.7 @ 1MHz
M,K
30 @ 1MHz
38
0.40
500
LNQ45T-5R6
5.6 @ 1MHz
M,K
30 @ 1MHz
33
0.47
500
LNQ45T-6R8
6.8 @ 1MHz
M,K
30 @ 1MHz
31
0.50
450
LNQ45T-8R2
8.2 @ 1MHz
M,K
30 @ 1MHz
27
0.56
450
LNQ45T-100
10 @ 1MHz
K,J
35 @ 1MHz
23
0.56
400
LNQ45T-120
12 @ 1MHz
K,J
35 @ 1MHz
21
0.62
380
LNQ45T-150
15 @ 1MHz
K,J
35 @ 1MHz
19
0.73
360
LNQ45T-180
18 @ 1MHz
K,J
35 @ 1MHz
17
0.82
340
LNQ45T-220
22 @ 1MHz
K,J
35 @ 1MHz
15
0.94
320
LNQ45T-270
27 @ 1MHz
K,J
35 @ 1MHz
14
1.1
300
LNQ45T-330
33 @ 1MHz
K,J
35 @ 1MHz
12
1.2
270
LNQ45T-390
39 @ 1MHz
K,J
35 @ 1MHz
11
1.4
240
LNQ45T-470
47 @ 1MHz
K,J
35 @ 1MHz
10
1.5
220
LNQ45T-560
56 @ 1MHz
K,J
35 @ 1MHz
9
1.7
200
LNQ45T-680
68 @ 1MHz
K,J
35 @ 1MHz
8
1.9
180
LNQ45T-820
82 @ 1MHz
K,J
35 @ 1MHz
7
2.2
170
LNQ45T-101
100 @ 1MHz
K,J
40 @ 0.796MHz
6
2.5
160
LNQ45T-121
120 @ 1MHz
K,J
40 @ 0.796MHz
6
3.0
150
TOLERANCES J=5%, K=10%, M=20%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com