Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNQ32T-R18 Datasheet(PDF) 4 Page - ECM Electronics Limited.

Part # LNQ32T-R18
Description  Wide Inductance Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

LNQ32T-R18 Datasheet(HTML) 4 Page - ECM Electronics Limited.

  LNQ32T-R18 Datasheet HTML 1Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 2Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 3Page - ECM Electronics Limited. LNQ32T-R18 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECM SMD Ferrite Chip Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
LNQ45T Series (1812) Continued…
LNQ45T-151
150 @ 1MHz
K,J
40 @ 0.796MHz
5
3.7
130
LNQ45T-181
180 @ 1MHz
K,J
40 @ 0.796MHz
5
4.5
120
LNQ45T-221
220 @ 1MHz
K,J
40 @ 0.796MHz
4
5.4
110
LNQ45T-271
270 @ 1MHz
K,J
40 @ 0.796MHz
4
6.8
100
LNQ45T-331
330 @ 1MHz
K,J
40 @ 0.796MHz
3
8.2
95
LNQ45T-391
390 @ 1MHz
K,J
40 @ 0.796MHz
3
9.7
90
LNQ45T-471
470 @ 1kHz
K,J
40 @ 0.796MHz
3
11.8
80
LNQ45T-561
560 @ 1kHz
K,J
40 @ 0.796MHz
2
14.5
70
LNQ45T-681
680 @ 1kHz
K,J
40 @ 0.796MHz
2
17.0
65
LNQ45T-821
820 @ 1kHz
K,J
40 @ 0.796MHz
2
20.5
60
LNQ45T-102
1000 @ 1kHz
K,J
40 @ 0.252MHz
2
25.0
50
LNQ45T-122
1200 @ 1kHz
K,J
40 @ 0.252MHz
2
30.0
45
LNQ45T-152
1500 @ 1kHz
K,J
40 @ 0.252MHz
1
37.0
40
LNQ45T-182
1800 @ 1kHz
K,J
40 @ 0.252MHz
1
45.0
35
LNQ45T-222
2200 @ 1kHz
K,J
40 @ 0.252MHz
1
50.0
30
TOLERANCES J=5%, K=10%, M=20%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com