Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNQ32T-R27 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # LNQ32T-R27
Description  Wide Inductance Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

LNQ32T-R27 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  LNQ32T-R27 Datasheet HTML 1Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 2Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 3Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECM SMD Ferrite Chip Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µH)
Tol
%
Q Min.
@ MHz
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
LNQ32T Series (1210)
LNQ32T-R10
0.10 @ 1MHz
M
20 @ 25.2MHz
200
0.25
700
LNQ32T-R18
0.18 @ 1MHz
M
20 @ 25.2MHz
200
0.25
650
LNQ32T-R27
0.27 @ 1MHz
M
25 @ 25.2MHz
200
0.25
600
LNQ32T-R39
0.39 @1MHz
M
25 @ 25.2MHz
200
0.25
530
LNQ32T-R56
0.56 @ 1MHz
M
30 @ 25.2MHz
160
0.25
530
LNQ32T-R68
0.68 @ 1MHz
M
30 @ 25.2MHz
160
0.25
470
LNQ32T-R82
0.82 @ 1MHz
M
30 @ 25.2MHz
120
0.25
450
LNQ32T-1R0
1.0 @ 1MHz
M
20 @ 1MHz
100
0.50
445
LNQ32T-1R2
1.2 @ 1MHz
M
20 @ 1MHz
100
0.60
425
LNQ32T-1R5
1.5 @ 1MHz
M,K
20 @ 1MHz
75
0.60
400
LNQ32T-1R8
1.8 @ 1MHz
M,K
20 @ 1MHz
60
0.70
390
LNQ32T-2R2
2.2 @ 1MHz
M,K
20 @ 1MHz
50
0.80
370
LNQ32T-2R7
2.7 @ 1MHz
M,K
20 @ 1MHz
43
0.90
320
LNQ32T-3R3
3.3 @ 1MHz
M,K
20 @ 1MHz
38
1.0
300
LNQ32T-3R9
3.9 @ 1MHz
M,K
20 @ 1MHz
35
1.1
290
LNQ32T-4R7
4.7 @ 1MHz
M,K
20 @ 1MHz
31
1.2
270
LNQ32T-5R6
5.6 @ 1MHz
M,K
20 @ 1MHz
28
1.3
250
LNQ32T-6R8
6.8 @ 1MHz
M,K
20 @ 1MHz
25
1.5
240
LNQ32T-8R2
8.2 @ 1MHz
M,K
20 @ 1MHz
23
1.6
225
LNQ32T-100
10 @ 1MHz
K,J
35 @ 1MHz
20
1.8
190
LNQ32T-120
12 @ 1MHz
K,J
35 @ 1MHz
18
2.0
180
LNQ32T-150
15 @ 1MHz
K,J
35 @ 1MHz
16
2.2
170
LNQ32T-180
18 @ 1MHz
K,J
35 @ 1MHz
15
2.5
165
LNQ32T-220
22 @ 1MHz
K,J
35 @ 1MHz
14
2.8
150
LNQ32T-270
27 @ 1MHz
K,J
35 @ 1MHz
13
3.1
125
LNQ32T-330
33 @ 1MHz
K,J
40 @ 1MHz
12
3.5
115
LNQ32T-390
39 @ 1MHz
K,J
40 @ 1MHz
11
3.9
110
LNQ32T-470
47 @ 1MHz
K,J
40 @ 1MHz
11
4.3
100
LNQ32T-560
56 @ 1MHz
K,J
40 @ 1MHz
10
4.9
85
LNQ32T-680
68 @ 1MHz
K,J
40 @ 1MHz
9
5.5
80
LNQ32T-820
82 @ 1MHz
K,J
40 @ 1MHz
8
6.2
70
LNQ32T-101
100 @ 1MHz
K,J
40 @ 0.796MHz
8
7.0
80
LNQ32T-121
120 @ 1MHz
K,J
40 @ 0.796MHz
7
8.0
75
LNQ32T-151
150 @ 1MHz
K,J
40 @ 0.796MHz
7
9.3
70
LNQ32T-181
180 @ 1MHz
K,J
40 @ 0.796MHz
6
10.2
65
TOLERANCES J=5%, K=10%, M=20%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com