Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNQ32T-R27 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # LNQ32T-R27
Description  Wide Inductance Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

LNQ32T-R27 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  LNQ32T-R27 Datasheet HTML 1Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 2Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 3Page - ECM Electronics Limited. LNQ32T-R27 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECM SMD Ferrite Chip Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM UCR Series
2 Package Sizes
High ‘Q’
Wide Inductance Range
Low dcR
Typical Reel Size 2000pcs
LNQ Series
The LNQ series comes in two sizes aproximate to EIA packages 1210, and 1812.
Suitable applications include:- Pagers, Cordless Phones, Portable GPS, Remote Metering and Sensors
where optimum battery performance is required.
COMPONENT OUTLINE
DIMENSIONS
ECM Type
Inductance
Range
A
(mm)
B
C
D
E
F
LNQ32T
0.1uH~560uH
3.20
2.50
2.00
1.50
2.00
1.00
LNQ45T
1.0uH~2.2mH
4.50
3.20
2.60
2.00
3.00
1.20


Similar Part No. - LNQ32T-R27

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
LNQ32T-R27 ECM-LNQ32T-R27 Datasheet
135Kb / 4P
SMD Ferrite Chip Inductors
More results

Similar Description - LNQ32T-R27

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG1083.503NLT PULSE-PG1083.503NLT Datasheet
856Kb / 2P
Inductance Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
XFMRS Inc.
XF0013HV-HPCMC XFMRS-XF0013HV-HPCMC Datasheet
970Kb / 2P
Inductance Range
XF0013HV-VPCMC XFMRS-XF0013HV-VPCMC Datasheet
1Mb / 2P
Inductance Range
XF0023HV-CMC160 XFMRS-XF0023HV-CMC160 Datasheet
2Mb / 4P
Inductance Range
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
logo
ECS, Inc.
ECS-HFR-A ECS-ECS-HFR-A Datasheet
113Kb / 1P
Wide Frequency range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com