Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34K Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RGL34K
Description  0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGL34K Datasheet(HTML) 1 Page - Micro Commercial Components

  RGL34K Datasheet HTML 1Page - Micro Commercial Components RGL34K Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Minimelf Package
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 150
oC/W Junction to Ambient
RGL34A
----
50V
35V
50V
RGL34B
----
100V
70V
100V
RGL34D
----
200V
140V
200V
RGL34G
----
400V
280V
400V
RGL34J
----
600V
420V
600V
RGL34K
----
800V
560V
800V
RGL34M
----
1000V
700V
1000V
Maximum
DC Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
TA=55
oC
Peak Forward
Surge Current
IFSM
10.0A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
V F
1.3V
IFM =0.5A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
I R
5.0uA
50uA
TA=25
oC
TA=125
o C
Maximum Reverse
Recovery Times
RGL34A-G
RGL34J
RGL34K-M
trr
150ns
250ns
500ns
IF=0.5A
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C j
4pF
Measured at
1.0MHz V R=4.0V
RGL34A
THRU
RGL34M
0.5 Amp
Fast Recovery
Rectifier
50 to 1000 Volts
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RGL34K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
109Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
113Kb / 2P
Surface mount diode
logo
SeCoS Halbleitertechnol...
RGL34K SECOS-RGL34K Datasheet
184Kb / 2P
0.5AMP Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RGL34K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com