Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34K Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RGL34K
Description  0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGL34K Datasheet(HTML) 2 Page - Micro Commercial Components

  RGL34K Datasheet HTML 1Page - Micro Commercial Components RGL34K Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
RGL34A thru RGL34K
0
10
12
2.0
4.0
6.0
8.0
1
100
10
Number of Cycles at 60HZ
0
0.3
0.4
0.5
0
25
50
75
100
125
150
175
Terminal Temperature (
°C)
0.4
0.2
0.8
0.6
1.2
1.4
1.0
1.6
Fig. 3 – Typical Instantaneous
Forward Characteristics
020
60
40
100
80
Fig. 4 – Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.2
0.1
Resistive or Inductive Load
0.01
0.1
10
1
TJ = 25
°C
Reverse Voltage (V)
1
10
100
10
1
0.01
0.1
10
1
TJ = 100
°C
Fig. 5 – Typical Junction Capacitance
TJ = 25
°C
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p
Fig. 1 – Forward Current
Derating Curve
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Instantaneous Forward Voltage (V)
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Pulse Width = 300
µs
1% Duty Cycle
www.mccsemi.com
MCC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com