Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8K Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S8K
Description  8 Amp Silicon Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S8K Datasheet(HTML) 1 Page - Micro Commercial Components

  S8K Datasheet HTML 1Page - Micro Commercial Components S8K Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S8A
THRU
S8M
8 Amp
Silicon Rectifier
50 to 1000 Volts
Features
•
For Surface Mount Applications
•
Extremely Low Thermal Resistance
•
Easy Pick And Place
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.70
5.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.053
.067
1.35
1.70
F
.168
.179
4 .27
4.55
G
.320
.330
8.13
8.38
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 8
°C/W Junction To Lead
Microsemi
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S8A
S8A
50V
35V
50V
S8B
S8B
100V
70V
100V
S8D
S8D
200V
140V
200V
S8G
S8G
400V
280V
400V
S8J
S8J
600V
420V
600V
S8K
S8K
800V
560V
800V
S8M
S8M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 8.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
0.070”
0.190
0.200
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
F
G
A
B
D
C
Cathode Band
www.mccsemi.com
DO-214AB
(SMCJ) (Round Lead)
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - S8K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8K MCC-S8K Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8K FORMOSA-S8K Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S8K YFWDIODE-S8K Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Pan Jit International I...
S8K PANJIT-S8K Datasheet
235Kb / 5P
SURFACE MOUNT RECTIFIER
May 2,2018-REV.02
logo
DAESAN ELECTRONIC CORP.
S8K DAESAN-S8K Datasheet
537Kb / 2P
STANDARD RECTIFIER
More results

Similar Description - S8K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
S8A MCC-S8A_08 Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S10A MCC-S10A_13 Datasheet
230Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com