Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB-9110VW-R3R5G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPB-9110VW-R3R5G
Description  3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110VW-R3R5G Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPB-9110VW-R3R5G_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPB-9110VW-R3R5G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
4
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
100
Ω Differential
RX1 -
RX1 +
Vcc_RX2
Vcc_RX1
RX2 +
RX2 -
NC
NC
20
18
19
16
15
8
9
17
VCC 3.3V
10
NC
SCL
SDA
4.7K
5
6
NC
NC
NC
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
4. 7K
RD -
RD +
Re-Clocker
I2C DATA
I2C CLK
RD +
RD -
Re-Clocker
VCC 3.3V
1. Consult Chipset manufacturer’s data sheet and application data for appropriate receiver input biasing network.
PACKAGE DIAGRAM (Units in mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com