Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB-9110VW-R3R5G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9110VW-R3R5G
Description  3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110VW-R3R5G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9110VW-R3R5G_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-9110VW-R3R5G_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-9110VW-R3R5G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
1
SPB-9110VW-R3R5G
(RoHS Compliant)
1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compliant
l 1-Fibre BIDI Dual Receiver with Simplex LC
l Speed from 50 Mbps to 3Gbps
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Dual Receiver with Duplex LC
l Based on Industry Standard SFP
l SFF-8472 Digital Diagnostic Function
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPB-9110VW-R3R5G is a 1-fibre dual channel optical
single mode receiver module designed to receive optical
serial digital signals as defined in SMPTE 297-2006. It
supports from 50 Mbps to 3 Gbps and is specifically
designed for received the SMPTE 259M, SMPTE 344M,
SMPTE 292M and SMPTE 424M SDI pathological
patterns. It is with the SFP 20-pin connector to allow hot
plug capability. Digital diagnostic functions are available
via an I
2C. Each receiver can receive signal from 50 Mbps
to 3 Gbps with up to 30 km of single-mode fiber when using
the SPB-9110VW-T3T5G as the transmitter. A maximum
distance of 10 km is achievable with 3Gbps pathological
signals.
ORDER INFORMATION
RX1
RX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Sen.
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-9110VW-R3R5G
2-RX
50 to 3000
1310
0 to -20
1550
0 to -20
LC SFP with DMI
0 to 70
Yes
RELATED PRODUCTS
TX1
TX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Power
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-9110VW-T3T5G
2-TX
50 to 3000
1310
0 to -5
1550 DFB
-3 to -8
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
10
HD-SDI
1.485Gbps
21
SPB-9110VW-T3T5G
SPB-9110VW-R3R5G
SD-SDI
270Mbps
30


Similar Part No. - SPB-9110VW-R3R5G_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110VW-R3R5G_2015 OPTOWAY-SPB-9110VW-R3R5G_2015 Datasheet
134Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
More results

Similar Description - SPB-9110VW-R3R5G_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110VW-R3R5G OPTOWAY-SPB-9110VW-R3R5G Datasheet
139Kb / 5P
1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Receiver
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G Datasheet
116Kb / 5P
1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Transmitter
SPB-9110V-R3R5G_2015 OPTOWAY-SPB-9110V-R3R5G_2015 Datasheet
133Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
SPB-9110V-T3T5G_2015 OPTOWAY-SPB-9110V-T3T5G_2015 Datasheet
109Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110VW-R3R5G_2015 OPTOWAY-SPB-9110VW-R3R5G_2015 Datasheet
134Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
SPB-9110VW-T3T5G_2015 OPTOWAY-SPB-9110VW-T3T5G_2015 Datasheet
109Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
SPS-9310VW-CXX1RG_2015 OPTOWAY-SPS-9310VW-CXX1RG_2015 Datasheet
151Kb / 6P
3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPB-9110V-R3R5G OPTOWAY-SPB-9110V-R3R5G_15 Datasheet
133Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G_15 Datasheet
109Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G_15 Datasheet
109Kb / 5P
3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com