Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD41 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SD41
Description  25 Amp Schottky Barrier Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD41 Datasheet(HTML) 1 Page - Micro Commercial Components

  SD41 Datasheet HTML 1Page - Micro Commercial Components SD41 Datasheet HTML 2Page - Micro Commercial Components SD41 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD41
25 Amp Schottky
Barrier Rectifier
45 Volts
Features
Maximum Ratings
Operating Temperature: -65
°C to +150°C
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SD41
45V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25 A
TL = 105
°C
Peak Forward Surge
Current
IFSM
600A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 30 A;
TA = 125
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
20mA
TA = 125
°C
www.mccsemi.com
M
N
B
C
J
P
F
G
D
E
H
A
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
DO-4
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
.55V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
10-32 UNF3A
Threads
Standard
Polarity
B
.424
.437
10.77
11.10
C
-----
.505
-----
12.82
D
.600
.800
15.24
20.32
E
.422
.453
10.72
11.50
F
.075
.175
1.91
4.44
G
-----
.405
-----
10.29
H
.163
.189
4.15
4.80
J
-----
.310
-----
7.87
M
-----
.350
-----
8.89
N
.020
.065
0.51
1.65
P
.060
.100
1.53
2.54
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
SD41 NAINA-SD41 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
New Jersey Semi-Conduct...
SD41 NJSEMI-SD41 Datasheet
135Kb / 1P
Schottky Rectifiers Single Chip Devices
More results

Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F Datasheet
92Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545 MCC-MBR545_08 Datasheet
122Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F_08 Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045_13 Datasheet
202Kb / 3P
10 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com