Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G06L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC3G06L-P08-R
Description  INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G06L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC3G06L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G06L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G06L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G06L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G06L-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC3G06
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-698.A
INVERTER WITH OPEN-DRAIN
OUTPUT
DESCRIPTION
The U74AHC3G06 is a high-speed Si-gate CMOS device which
provides three inverting buffers with open-drain outputs. For digital
operation, this device must have a pull-up resistor to establish a logic
HIGH-level.
FEATURES
* Low power supply 1.0 μA at 5.5V
* Wide supply voltage range from 2V to 5.5V
* Up to 5.5V inputs accept voltages
* Low power dissipation
* Balanced propagation delays
* High noise immunity
* Output capability standard (open drain)
TSSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC3G06L-P08-R
U74AHC3G06G-P08-R
TSSOP-8
Tape Reel
U74AHC3G06L-P08-T
U74AHC3G06G-P08-T
TSSOP-8
Tube


Similar Part No. - U74AHC3G06L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC3G06L-P08-R UTC-U74AHC3G06L-P08-R Datasheet
133Kb / 5P
INVERTER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - U74AHC3G06L-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
Inverter with open-drain output
2000 May 01
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
Inverter with open-drain output
2004 Sep 07
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
Inverter with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
Inverter with open-drain output
Rev. 07-12 July 2007
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
Inverter with open-drain output
Rev. 06-7 June 2007
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
INVERTER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com