Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC07G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC07G-S14-R
Description  NON-INVERT BUFFERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC07G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC07G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHC07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-409.C
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7
V
Input Voltage
VIN
-0.5 ~ +7
V
Output Voltage
Active Mode
VOUT
-0.5 ~ VCC +0.5
V
High-Impedance Mode
-0.5 ~ +7
V
VCC or GND Current
ICC
±75
mA
Output Sink Current (VOUT>-0.5V)
IOUT
±25
mA
Input Clamp Current (VIN<-0.5V)
IIK
-20
mA
Output Clamp Current (VOUT<-0.5V)
IOK
±20
mA
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-14
θJA
76
°С/W
TSSOP-14
113
°С/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
2.0
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
Active Mode
0
VCC
V
High-Impedance Mode
0
6.0
High-Level Input Voltage
VIH
VCC =2.0V
1.5
V
VCC =3.0V
2.1
VCC =5.5V
3.85
Low-Level Input Voltage
VIL
VCC =2.0V
0.5
V
VCC =3.0V
0.9
VCC =5.5V
1.65
Input Transition Rise or Fall Rate
tR / tF
VCC=3.3±0.3V
100
ns/V
VCC=5.0±0.5V
20
STATIC CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Low-Level Output Voltage
VOL
IOL=50μA
VCC =2.0V
0.1
V
VCC =3.0V
0.1
VCC =4.5V
0.1
IOL =4 mA
VCC =3.0V
0.36
IOL =8mA
VCC =4.5V
0.36
Input Leakage Current
II(LEAK)
VIN=5.5V or GND,VCC =0V to 5.5V
0.1
μA
3-State Output OFF-state Current
IOZ
VIN=VIH or VIL, VOUT=VCC or GND,
VCC =5.5V
±0.25
μA
Quiescent Supply Current
IQ
VIN=VCC or GND,IOUT=0, VCC =5.5V
1
μA
Input Capacitance
CIN
1.5
10
pF
SWITCHING CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay
From Input(A) To Output(Y)
tPZL
VCC =3.3±0.3 V
CL=15 pF
3.5
5.6
ns
CL=50 pF
5.0
8.0
tPLZ
VCC =3.3±0.3 V
CL=15 pF
5.8
7.9
CL=50 pF
8.3
11.5
Propagation Delay
From Input(A) To Output(Y)
tPZL
VCC =5±0.5 V
CL=15 pF
2.5
3.9
ns
CL=50 pF
3.6
5.5
tPLZ
VCC =5±0.5 V
CL=15 pF
4.2
5.1
CL=50 pF
6.0
7.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com